Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM6341ZP15A Datasheet(PDF) 1 Page - Motorola, Inc

Part # SCM6341ZP15A
Description  128K x 24 Bit Static Random Access Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP15A Datasheet(HTML) 1 Page - Motorola, Inc

  SCM6341ZP15A Datasheet HTML 1Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCM6341
1
MOTOROLA FAST SRAM
Advance Information
128K x 24 Bit Static Random
Access Memory
The MCM6341 is a 3,145,728–bit static random access memory organized as
131,072 words of 24 bits. Static design eliminates the need for external clocks
or timing strobes.
The MCM6341 is equipped with chip enable (E1, E2, E3) and output enable
(G) pins, allowing for greater system flexibility and eliminating bus contention
problems.
The MCM6341 is available in a 119–bump PBGA package.
• Single 3.3 V ± 10% Power Supply
• Fast Access Time: 10/11/12/15 ns
• Equal Address and Chip Enable Access Time
• All Inputs and Outputs are TTL Compatible
• Three–State Outputs
• Power Operation: 280/275/270/260 mA Maximum, Active AC
• Commercial Temperature (0°C to 70°C) and
Industrial Temperature (– 40
°C to + 85°C) Options
DQ
BLOCK DIAGRAM
G
AA
A
A
A
A
A
A
MEMORY MATRIX
ROW
DECODER
INPUT
DATA
CONTROL
A
A
A
A
A
A
A
DQ
E1
W
A
A
COLUMN I/O
COLUMN DECODER
DQ
DQ
E2
E3
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM6341/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM6341
A
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . . . .
E1, E2, E3
Chip Enable
. . . . . . . . . . . . . . . .
DQ
Data Input/Output
. . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . .
VDD
+ 3.3 V Power Supply
. . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
ZP PACKAGE
PBGA
CASE 999–02
REV 2
2/18/98
© Motorola, Inc. 1998


Similar Part No. - SCM6341ZP15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15A MOTOROLA-SCM6343YJ15A Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15AR MOTOROLA-SCM6343YJ15AR Datasheet
169Kb / 10P
256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6341ZP15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
128K x 8 Bit Static Random Access Memory
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
32K x 8 Bit Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
128K x 9 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com