Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1857L-X-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1857L-X-T92-R
Description  POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1857L-X-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1857L-X-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SD1857L-X-T92-R Datasheet HTML 2Page - Unisonic Technologies 2SD1857L-X-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SD1857
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-057,F
TYPICAL CHARACTERISTICS
Collector to Emitter Voltage: VCE(V)
12
0
0
0.2
0.8
0.4
0.6
4
35
1.0
IB=0mA
10mA
20mA
30mA
40mA
50mA
60mA
70mA
80mA
90mA
100mA
0.01 0.02 0.05
2
1000
500
200
100
50
20
5
1
0.1 0.2 0.5
Collector Current,IC (A)
2
1
TA=25°C
10
510
VCE=10V
5V
0.01 0.02 0.05
2
10
5
2
1
0.5
0.2
0.05
0.01
0.1 0.2
0.5
Collector Current,IC (A)
0.02
1
TA=25°C
0.1
510
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com