Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILQ3 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # ILQ3
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ3 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILQ3 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ3 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–159
ILD/Q3
Characteristics
Emitter (IR GaAs)
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Forward Voltage
VF
1.25
1.65
V
IF=60 mA
Reverse Current
IR
0.01
10
µAVR=6 V
Capacitance
C0
25
pF
VR=0 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
750
°C/W
Detector
Collector-Emitter Leakage Current
ICEO
570
nA
VCE=15 V
Capacitance
CCE
6.8
pF
VCE=5 V, f=1 MHz
Thermal Resistance, Junction to Lead
RTHJL
500
°C/W
Package Transfer Characteristics (Each Channel)
Saturated Current Transfer Ratio, ILD/Q3-1
CTRSAT
300
%
IF=1.6 mA, VCE=0.4 V
Saturated Current Transfer Ratio, ILD/Q3-2
CTRSAT
100
%
IF=1.0 mA, VCE=0.4 V
Common Mode Rejection Output High
CMH
5000
V/
µsV
CM=50 VP-P, RL=10 kΩ,
IF=0 mA
Common Mode Rejection Output Low
CML
5000
V/
µsV
CM=50 VP-P, RL=10 kΩ,
IF=0 mA
Common Mode Coupling Capacitance
CCM
0.01
pF
Package Capacitance
CIO
0.8
pF
VIO=0 V, f=1 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com