Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N50G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N50G-TN3-R
Description  4A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N50G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N50G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N50G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N50G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N50G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N50G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N50G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-525.c
4A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 4N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* RDS(ON)=2.2Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N50L-TA3-T
4N50G-TA3-T
TO-220
G
D
S
Tube
4N50L-TF3-T
4N50G-TF3-T
TO-220F
G
D
S
Tube
4N50L-TN3-R
4N50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 4N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N50G-TN3-R UTC-4N50G-TN3-R Datasheet
244Kb / 6P
N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
More results

Similar Description - 4N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
logo
Intersil Corporation
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
N-Channel MOSFET 500V, 4A, 1.4廓
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
N-Channel MOSFET 500V, 4A, 1.5?
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
4A,500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com