Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N80L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N80L-TN3-R
Description  4.0A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N80L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N80L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N80L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N80
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-505.D
4.0A, 800V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N80 is a N-channel mode power MOSFET using UTC’s
advanced technology to provide costomers planar stripe and DMOS
technology. This technology is specialized in allowing a minimum
on-state resistance, and superior switching performance. It also can
withstand high energy pulse in the avalanche and commutation mode.
The UTC 4N80 is universally applied in high efficiency switch mode
power supply.
FEATURES
* RDS(on)=3.0Ω @VGS =10V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4N80L-TA3-T
4N80G-TA3-T
TO-220
G
D
S
Tube
4N80L-TF3-T
4N80G-TF3-T
TO-220F
G
D
S
Tube
4N80L-TF1-T
4N80G-TF1-T
TO-220F1
G
D
S
Tube
4N80L-TN3-R
4N80G-TN3-R
TO-252
G
D
S
Tape Reel
4N80L-TN3-T
4N80G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 4N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80L-TN3-R UTC-4N80L-TN3-R Datasheet
207Kb / 6P
N-CHANNEL POWER MOSFET
4N80L-TN3-R UTC-4N80L-TN3-R Datasheet
228Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N80L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
4.0A 650V N-CHANNEL POWER MOSFET
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
4.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
4.0A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
4.0A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com