Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N50G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N50G-TN3-R
Description  5A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5N50G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N50G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N50G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N50G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N50G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N50G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-476.e
5A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N50 is an N-channel power MOSFET adopting
UTC’s advanced technology to provide customers with DMOS,
planar stripe technology. This technology is designed to meet the
requirements of the minimum on-state resistance and perfect
switching performance. It also can withstand high energy pulse in
the avalanche and communication mode.
The UTC 5N50 can be used in applications, such as active
power factor correction, high efficiency switched mode power
supplies, electronic lamp ballasts based on half bridge topology.
FEATURES
* RDS(ON) = 1.4Ω @VGS = 10 V
* 100% avalanche tested
* High switching speed
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
TO-262
1
1
TO-220F
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N50L-TF3-T
5N50G-TF3-T
TO-220F
G
D
S
Tube
5N50L-TN3-R
5N50G-TN3-R
TO-252
G
D
S
Tape Reel
5N50L-T2Q-T
5N50G-T2Q-T
TO-262
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 5N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50G-TN3-R UTC-5N50G-TN3-R Datasheet
177Kb / 6P
500V N-CHANNEL POWER MOSFET
5N50G-TN3-R UTC-5N50G-TN3-R Datasheet
235Kb / 6P
N-CHANNEL POWER MOSFET
5N50G-TN3-R UTC-5N50G-TN3-R Datasheet
258Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 5N50G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
500V, 5A N-Channel MOSFET
AOD5N50 AOSMD-AOD5N50 Datasheet
289Kb / 6P
500V,5A N-Channel MOSFET
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
FQP5N50 ETC-FQP5N50 Datasheet
222Kb / 6P
500V, 5A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com