Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N65L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N65L-TN3-R
Description  5A, 650V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N65L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N65
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-592.B
5A, 650V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N65 is a high voltage power MOSFET designed to have
better characteristics, such as fast switching time, low gate charge,
low on-state resistance and high rugged avalanche characteristics.
This power MOSFET is usually used in high speed switching
applications at power supplies, PWM motor controls, high efficient DC
to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 2.4Ω @VGS = 10 V
* Ultra Low Gate Charge ( Typical 15 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 6.5 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
TO-251
1
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N65L-TA3-T
5N65G-TA3-T
TO-220
G
D
S
Tube
5N65L-TF3-T
5N65G-TF3-T
TO-220F
G
D
S
Tube
5N65L-TF1-T
5N65G-TF1-T
TO-220F1
G
D
S
Tube
5N65L-TM3-T
5N65G-TM3-T
TO-251
G
D
S
Tube
5N65L-TN3-T
5N65G-TN3-T
TO-252
G
D
S
Tube
5N65L-TN3-R
5N65G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 5N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65L-TN3-R UTC-5N65L-TN3-R Datasheet
270Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
5N65L-TN3-R VBSEMI-5N65L-TN3-R Datasheet
1Mb / 9P
Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
5N65L-TN3-R DOINGTER-5N65L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 5N65L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
5N65K UTC-5N65K Datasheet
228Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
5N65Z UTC-5N65Z Datasheet
209Kb / 6P
5A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
logo
E-CMOS Corporation
EC745N65 E-CMOS-EC745N65 Datasheet
413Kb / 5P
650V,5A N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com