Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143TL-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTC143TL-AE3-R
Description  NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143TL-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTC143TL-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC143TL-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC143TL-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC143T
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-059,F
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Power Dissipation
SOT-523
PC
150
mW
SOT-23/SOT-323
200
TO-92SP
550
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55~+150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC =50μA
50
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE =50μA
5
V
Collector Cut-off Current
ICBO
VCB=50V
0.5
μA
Emitter Cut-off Current
IEBO
VEB =4V
0.5
μA
Collector-Emitter Saturation Voltage
VCE(SAT) IC =5mA, IB=0.25mA
0.3
V
DC Current Gain
hFE
VCE=5V, IC=1mA
100
250
600
Input Resistance
R1
3.29
4.7
6.11
kΩ
Transition Frequency
fT
VCE=10V, IE =5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com