Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC144EL-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTC144EL-AL3-R
Description  NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC144EL-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTC144EL-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTC144EL-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTC144EL-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC144E
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 3
www.unisonic.com.tw
QW-R206-050,F
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN(OFF)
VCC= 5V, IOUT=100μA
0.5
V
VIN(ON)
VOUT= 0.3V, IOUT= 20mA
3
Output Voltage
VOUT(ON) IOUT/IIN= 10mA / 0.5mA
0.1
0.3
V
Input Current
IIN
VIN= 5V
0.18
mA
Output Current
IOUT(OFF) VCC= 50V , VIN=0V
0.5
μA
DC Current Gain
hFE
VOUT= 5V, IOUT= 5mA
68
Input Resistance
R1
32.9
47
61.1
kΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Transition Frequency
fT
VCE= 10V, IE= -5mA, f=100MHz
250
MHz
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10 ~ +40
V
Output Current
IOUT
30
mA
IOUT(MAX)
100
mA
Power Dissipation
TO-92SP
PD
550
mW
TO-92
625
SOT-523
150
SOT-23/SOT-323
200
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com