Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1836 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F1836
Description  LOW-SATURATION, TWO-CHANNEL BIDIRECTIONAL MOTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1836 Datasheet(HTML) 1 Page - Unisonic Technologies

  F1836 Datasheet HTML 1Page - Unisonic Technologies F1836 Datasheet HTML 2Page - Unisonic Technologies F1836 Datasheet HTML 3Page - Unisonic Technologies F1836 Datasheet HTML 4Page - Unisonic Technologies F1836 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F1836
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R109-029.a
LOW-SATURATION,
TWO-CHANNEL
BIDIRECTIONAL MOTOR
DRIVER IC FOR USE IN
LOW-VOLTAGE APPLICATIONS
DESCRIPTION
The UTC F1836 is a bipolar stepper-motor driver IC for use in
low-voltage applications. And, It is a low-saturation two-channel
bidirectional motor driver IC which is ideal for use in cameras,
printers, and other portable devices.
FEATURES
* Operating under low voltage range (Minimum: 2.5V)
* Low saturation voltage (only 0.4V for 0.4A)
* Parallel connection (only 0.5V for 0.8A)
* Built-in Spark killer diodes
* Built-in Thermal shutdown Protection Function
* Separate motor power supply and logic power supply
* Brake function
* Compact package
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
F1836L-S14-R
F1836G-S14-R
SOP-14
Tape Reel
F1836L-S14-T
F1836G-S14-T
SOP-14
Tube
(1) R: Tape Reel, T: Tube
(2) S14: SOP-14
(3) Halogen Free, L: Lead Free
F1836L-S14-R
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - F1836

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F1836G-S14-R UTC-F1836G-S14-R Datasheet
107Kb / 6P
TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
F1836 UTC-F1836_15 Datasheet
107Kb / 6P
TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
More results

Similar Description - F1836

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com