Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE8050-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # HE8050-X-AB3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8050-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  HE8050-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies HE8050-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies HE8050-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies HE8050-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HE8050
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R211-018,C
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6
V
SOT-23
350
mW
SOT-89
500
mW
Collector Dissipation
TO-92/TO-92NL
Pc
1
W
Collector Current
IC
1.5
A
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA,IE=0
40
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=2mA,IB=0
25
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA,IC=0
6
V
Collector Cut-Off Current
ICBO
VCB=35V,IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=6V,IC=0
100
nA
hFE1
VCE=1V,IC=5mA
45
135
hFE2
VCE=1V,IC=100mA
85
160
500
DC Current Gain
hFE3
VCE=1V,IC=800mA
40
110
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=800mA,IB=80mA
0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=800mA,IB=80mA
1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=1V,IC=10mA
1.0
V
Current Gain Bandwidth Product
fT
VCE=10V,IC=50mA
100
MHz
Output Capacitance
Cob
VCB=10V,IE=0
f=1MHz
9.0
pF
CLASSIFICATION of hFE2
RANK
C
D
E
RANGE
120-200
160-300
250-500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com