Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1836G-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # F1836G-S14-R
Description  LOW-SATURATION, TWO-CHANNEL BIDIRECTIONAL MOTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1836G-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  F1836G-S14-R Datasheet HTML 1Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 2Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 3Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 4Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
F1836
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R109-029.a
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
IN2
OUT2
Vs 1
OUT1
IN1
VCC
VCONT
IN4
OUT4
VS 2
OUT3
IN3
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power Supply
2
IN1
The input of the channel 1
3
OUT1
The output of the channel 1
4
VS 1
The power supply of channel 1
5
OUT2
The output of the channel 1
6
IN2
The input of the channel 1
7, 14
GND
Ground The ground potential of the IC
8
VCONT
The output of a reference voltage
9
IN4
The input of the channel 2
10
OUT4
The output of the channel 2
11
VS 2
The power supply of channel 2
12
OUT3
The output of the channel 2
13
IN3
The input of the channel 2
TRUTH TABLE
IN 1, 3
IN 2, 4
OUT 1, 3
OUT 2, 4
Mode
H
L
H
L
Forward
L
H
L
H
Reverse
H
H
L
L
Brake
L
L
OFF
OFF
Standby



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com