Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE8550-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # HE8550-X-AE3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8550-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  HE8550-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies HE8550-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies HE8550-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies HE8550-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HE8550
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-031,F
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage ( V)
-0
-0.4
-0.8
-1.2
-1.6
-2.0
0
-0.1
-0.2
-0.3
-0.4
-0.5
IB=-0.5mA
IB=-1.0mA
IB=-1.5mA
IB=-2.0mA
IB=-2.5mA
IB=-3.0mA
DC Current Gain
Collector Current, IC (mA)
VCE=-1V
-10-1
-100
-101
-102
-103
100
101
102
103
Base-Emitter on Voltage
Base-Emitter Voltage (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-1V
Collector Current, IC (mA)
Saturation Voltage
VCE(SAT)
VBE(SAT)
IC=10*IB
-10
0
-10
1
-10
2
-10
3
-10
-1
-10
0
-10
1
-10
2
-10
3
-10
1
-10
2
-10
3
-10
4
Current Gain-Bandwidth Product
Collector Output Capacitance
Collector Current, IC (mA)
VCE=-10V
Collector-Base Voltage (V)
f=1MHz
IE=0
-10
0
-10
1
-10
2
-10
3
10
0
10
1
10
2
10
3
-10
0
-10
1
-10
2
-10
3
10
0
10
1
10
2
10
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com