Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT2AL-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMT2AL-AG6-R
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT2AL-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  IMT2AL-AG6-R Datasheet HTML 1Page - Unisonic Technologies IMT2AL-AG6-R Datasheet HTML 2Page - Unisonic Technologies IMT2AL-AG6-R Datasheet HTML 3Page - Unisonic Technologies IMT2AL-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IMT2A
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R215-003,C
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter voltage
VCEO
-50
Emitter to Base Voltage
VEBO
-6
Collector Current
IC
-150
mA
Collector Power Dissipation (total)
PC
300(Note)
mW
Junction Temperature
TJ
150
°
C
Storage Temperature
TSTG
-55~ +150
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. 200mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector to Base Breakdown Voltage
BVCBO
IC =-50 μA
-60
V
Collector to Emitter Breakdown Voltage
BVCEO
IC =-1mA
-50
Emitter to Base Breakdown Voltage
BVEBO
IE =-50 μA
-6
Collector Cut Off Current
ICBO
VCB =-60 V
-0.1
μA
Emitter Cut Off Current
IEBO
VEB =-6 V
-0.1
Collector to Emitter Saturation Voltage
VCE(SAT) IC=-50 mA, IB=-5 mA
-0.5
V
DC Forward Current Gain
hFE
VCE =-6 V, IC=-1mA
120
560
Transition Frequency
fT
VCE =-12V,IE =2mA, f=100MHz (Note)
140
MHz
Output Capacitance
COB
VCB = -12V,IE =0mA,f=1MHz
4
5
pF
Note: Transition frequency of the device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com