Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE8050G-X-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # HE8050G-X-AE3-R
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8050G-X-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  HE8050G-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies HE8050G-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies HE8050G-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies HE8050G-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
HE8050
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R211-018,C
LOW VOLTAGE HIGH
CURRENT SMALL SIGNAL
NPN TRANSISTOR
DESCRIPTION
The UTC HE8050 is a low voltage high current small signal NPN
transistor, designed for Class B push-pull 2W audio amplifier for
portable radio and general purpose applications.
FEATURES
*Collector current up to 1.5A
*Collector-Emitter voltage up to 25 V
*Complimentary to UTC HE8550
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
HE8050-x-AB3-R
HE8050L-x-AB3-R
HE8050G-x-AB3-R
SOT-89
B
C
E
Tape Reel
HE8050-x-AE3-R
HE8050L-x-AE3-R
HE8050G-x-AE3-R
SOT-23
E
B
C
Tape Reel
HE8050-x-T92-B
HE8050L-x-T92-B
HE8050G-x-T92-B
TO-92
E
C
B
Tape Box
HE8050-x-T92-K
HE8050L-x-T92-K
HE8050G-x-T92-K
TO-92
E
C
B
Bulk
HE8050-x-T9N-B
HE8050L-x-T9N-B
HE8050G-x-T9N-B
TO-92NL
E
C
B
Tape Box
HE8050-x-T9N-K
HE8050L-x-T9N-K
HE8050G-x-T9N-K
TO-92NL
E
C
B
Bulk
MARKING (For SOT-23 Package)
DA
L: Lead Free
G: Halogen Free


Similar Part No. - HE8050G-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
HE8050G-X-AE3-R UTC-HE8050G-X-AE3-R Datasheet
221Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results

Similar Description - HE8050G-X-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC8050S UTC-UTC8050S Datasheet
89Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S Datasheet
188Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
HE8051 UTC-HE8051_07 Datasheet
58Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
S8050 UTC-S8050_09 Datasheet
121Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
8050S UTC-8050S_11 Datasheet
190Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
E-Tech Electronics LTD
G8050S ETL-G8050S Datasheet
168Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
G8051S ETL-G8051S Datasheet
162Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Unisonic Technologies
D965SS UTC-D965SS_15 Datasheet
215Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT8050 ARTSCHIP-MMBT8050 Datasheet
1Mb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com