Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1136G-XX-AF5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # L1136G-XX-AF5-R
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1136G-XX-AF5-R Datasheet(HTML) 8 Page - Unisonic Technologies

  L1136G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1136G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
L1136
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-464.e
FUNCTIONAL DESCRIPTION
1. Basic Operation
The UTC L1136‘s block diagram is shown in the following. (Fig.1)
The UTC L1136 has an error amplifier, and it compares the reference voltage (VREF) with VFB, which is the
output voltage resistance-divided by feedback resistors RS and RF. It supplies the gate voltage necessary to
maintain the constant output voltage which is not influenced by the input voltage and temperature change, to the
output transistor.
VIN
VREF
Current
Supply
Error Amplifier
-
+
Reference
Voltage Circuit
VSS
Fig.1
VFB
RS
RF
VOUT
Parasitic
Diode
2. Output Transistor
For L1136, the output transistor is a P-channel MOSFET with low on-resistance.
In order to protect against inverse current, make sure that VOUT does not exceed VIN+0.3V, because of a
parasitic diode between the VIN and VOUT pin, when the potential of VOUT became higher than VIN.
3. Shutdown Pin (ON/OFF pin)
The shutdown pin is used to turn on and turn off this regulator.
When the ON/OFF pin is set to the shutdown level, the entire internal circuit stops operating. For reducing the
current dissipation, the internal P-channel MOSFET is shut down. The VOUT pin is set to the VSS level by the internal
dividing resistor of several hundred kΩ between the VOUT and VSS pin.
Note: When the ON/OFF pin voltage is in the range of 0.3V~1.0V, the current dissipation increases. The
architecture of the ON/OFF pin can be seen in Fig. 2 Since the ON/OFF pin is neither pulled down nor pulled up
internally, do not use it in the floating state.
ON/OFF Pin
Internal Circuits
VOUT Pin Voltage
Current Consumption
“
L”: Power off
Stop
VSS level
ISS2
“
H”: Power on
Operate
Set value
ISS1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com