Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1913L-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L1913L-XX-AF5-R
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913L-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L1913L-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1913L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-439.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
15:1.5V
33:3.3V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to less than 1µA.
Connect to IN for normal operation.
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board
ground plane to maximize thermal dissipation.
3
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V. Bypass with 1µF to GND
4
OUT
Regulator Output. Fixed or adjustable from 1.25V to +5.5V. Sources up to 150mA.
Bypass with a 1µF, <0.2Ω typical ESR capacitor to GND.
5
SET
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage
to the preset voltage. Connect to an external resistor divider for adjustable-output
operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com