Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1913G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L1913G-XX-AF5-R
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L1913G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies L1913G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-439.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Output Short-Circuit Duration
Infinite
VIN to GND
-0.3~7
V
SET to GND
-0.3~7
V
SHDN to GND
-0.3~7
V
SHDN to IN
-7~0.3
V
OUT to GND
-0.3~(VIN+0.3)
V
Power Dissipation (TA=25°C)
PD
520
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~85
°C
Storage Temperature
TSTG
-65~160
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
240
°C/W
ELECTRICAL CHARACTERISTICS
(VIN =+3.6V, VSHDN =VIN, TA =TJ =+25°C, unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage (Note 2)
VIN
2.5
5.5
V
Output Voltage Accuracy
VOUT
Variation from specified VOUT,
IOUT=1mA
-2
2
%
Adjustable Output Voltage Range
(Note 3)
VOUT
VSET
5.5
V
Maximum Output Current
150
mA
Current Limit (Note 4)
ILIMIT
250
mA
Ground Pin Current
IQ
SET=GND
ILOAD=0mA
55
120
µA
ILOAD=50mA
145
Dropout Voltage (Note 5)
VDROP
IOUT=1mA
2
mV
IOUT=50mA
70
IOUT=150mA
230
300
Line Regulation
ΔVLNR
SET=GND, VIN=V(STD)+0.1V ~ 5.5V ,
IOUT=1mA
0.1
0.28
%/V
SET tide to OUT, VIN=2.5V ~ 5.5V ,
IOUT=1mA
0.08
0.4
Load Regulation
ΔVLDR
IOUT= 0mA ~150mA
SET tide to OUT
0.02
0.8
%/mA
SET=GND
1.0
Output Voltage Noise
(10Hz~100kHZ)
eN
VIN=1.2V,
IOUT=150mA
COUT=1µF
220
µVRMS
SHUTDOWN
SHDN Input Threshold
VIH
Regulator enabled
VIN-0.7
V
VIL
Regulator shutdown
0.4
SHDN Input Bias Current
ISHDN
VSHDN = VIN
TA= +25°C
0.003
0.1
µA
Shutdown Supply Current
IQSHDN
VOUT= 0V
TA= +25°C
0.2
1
µA
SET INPUT
SET Reference Voltage (Note 3)
VSET
VIN= 2.5V ~ 5.5V,
IOUT= 1mA
TA= +25°C
1.225
1.25
1.275
V
TA= TMIN to TMAX
1.25
SET Input Leakage Current
ISET
VSET= 1.3V (Note 3) TA= +25°C
5
30
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com