Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4863-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L4863-S16-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L4863-S16-R Datasheet HTML 1Page - Unisonic Technologies L4863-S16-R Datasheet HTML 2Page - Unisonic Technologies L4863-S16-R Datasheet HTML 3Page - Unisonic Technologies L4863-S16-R Datasheet HTML 4Page - Unisonic Technologies L4863-S16-R Datasheet HTML 5Page - Unisonic Technologies L4863-S16-R Datasheet HTML 6Page - Unisonic Technologies L4863-S16-R Datasheet HTML 7Page - Unisonic Technologies L4863-S16-R Datasheet HTML 8Page - Unisonic Technologies L4863-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
L4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R107-050,A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.0
V
Recommended Supply Voltage Range
VDD
2.0 ~ 5.5
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Notes 1)(VDD=5V, Ta =25 ,
℃
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
FOR ENTIRE IC
Supply Voltage
VDD
2
5.5
V
VIN=0V, IOUT=0A, HP-IN=0V
6
11.5
20
Quiescent Power Supply Current
(Note 2)
IDD
VIN=0V, IOUT=0A, HP-IN=4V
5.8
mA
Shutdown Current
ISD
VDD applied to the SHUTDOWN pin
2
0.7
µA
High
VIH
4
V
Headphone Input Voltage
Low
VIL
0.8
V
FOR BRIDGED-MODE OPERATION
Output Offset Voltage
VO(OFF) VIN=0V
5
50
mV
RL=3Ω
2.5
THD=1%, f=1kHz
RL=4Ω
2.2
RL=3Ω
3.2
HTSSOP-20
THD+N=10%, f=1kHz
RL=4Ω
2.7
W
THD=1%, f=1kHz
RL=8Ω
1.0
1.1
THD+N=10%, f=1kHz
RL=8Ω
1.5
W
Output Power
(measured at the device
terminals)
SOP/DIP
POUT
THD+N=1%, f=1kHz, RL=32Ω
0.34
W
HTSSOP-20
RL=4Ω, POUT=2W
0.3
Total
Harmonic
Distortion + Noise
SOP/DIP
THD+N
20Hz≤f≤20kHz,
AVD=2
RL=8Ω, POUT=1W
0.3
%
Power Supply Rejection Ratio
PSRR
VDD=5V, VRIPPLE=200mVRMS, RL=8Ω,
CB=1.0µF
67
dB
Channel Separation
XTALK
f=1kHz, CB=1.0µF
90
dB
Signal To Noise Ratio
SNR
VDD=5V, POUT=1.1W, RL=8Ω
98
dB
FOR SINGLE-ENDED OPERATION
Output Offset Voltage
VO(OFF) VIN=0V
5
50
mV
THD=0.5%, f=1kHz, RL=32Ω
75
85
THD+N=1%, f=1kHz, RL=8Ω
340
Output Power
POUT
THD+N=10%, f=1kHz, RL=8Ω
440
mW
Total Harmonic Distortion + Noise
THD+N
AV=-1, POUT=75mW,20Hz≤f≤20kHz,
RL=32Ω
0.2
%
Power Supply Rejection Ratio
PSRR CB=1.0µF, VRIPPLE=200mVRMS, f=1kHz
52
dB
Channel Separation
XTALK
f=1kHz, CB=1.0µF
60
dB
Signal To Noise Ratio
SNR
VDD=5V, POUT=340mW, RL=8Ω
95
dB
Note:1. All voltages are measured with respect to the ground (GND) pins, unless otherwise specified.
2. Depends on the offset voltage when a practical load is connected to the amplifier.
3. When driving 3Ω or 4Ω and operating on a 5V supply, the HTSSOP-20 package must be mounted to the
circuit board that has a minimum of 2.5 in
2 of exposed, uninterrupted copper area connected to the
exposed-DAP.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com