Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2800G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L2800G-S08-R
Description  SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2800G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L2800G-S08-R Datasheet HTML 1Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 2Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 3Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 4Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 5Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 6Page - Unisonic Technologies L2800G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L2800
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-030,B
DIAGRAM
HOW TO SET THE TIME CONSTANT FOR SHORT CIRCUIT DETECTION AND SOFT
START
1. SHORT CIRCUIT PROTECTION
Te error amplifier output (FB pin) is fixed at VOM
+ and capacitor CPE starts charging i the switching regulator
output suddenly drops due to load effect. The output pin is set low and the SCP pin stays low when the voltage at
the SCP pin reaches approximately 0.8V.
As the protection circuit operates, by resetting the power supply the circuit will be restored.
•Short circuit detection time
tPE[S] 0.8*C
PE[μF]
2. SOFT START
Once power on, the capacitor CPE which is connected to the SCP pin starts charging.The soft start setting
voltage is compared by the PWM comparator as the voltage’s proportion at the SCP pin with the sawtooth
waveform. The comparison controls the OUT pin’s ON duty,which is causing the soft start operation. During the
time for completion of soft start operation, the SCP pin’s voltage stays low, but the soft start setting voltage stays
high, and the circuit then enters the output short circuit detection wait state.
Soft start time (until the output ON duty reaches approximately 50%)
ts[S] 0.35*C
PE[μF]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com