Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4863-S18-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L4863-S18-R
Description  DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4863-S18-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button L4863-S18-R Datasheet HTML 2Page - Unisonic Technologies L4863-S18-R Datasheet HTML 3Page - Unisonic Technologies L4863-S18-R Datasheet HTML 4Page - Unisonic Technologies L4863-S18-R Datasheet HTML 5Page - Unisonic Technologies L4863-S18-R Datasheet HTML 6Page - Unisonic Technologies L4863-S18-R Datasheet HTML 7Page - Unisonic Technologies L4863-S18-R Datasheet HTML 8Page - Unisonic Technologies L4863-S18-R Datasheet HTML 9Page - Unisonic Technologies L4863-S18-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
L4863
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R107-050,A
TYPICAL CHARACTERISTICS(Cont.)
00.1
0.2
5
0.3
Power Dissipation vs Output Power
Output Power (W)
0.2
0.1
5
0.1
0.0
5
0.2
0.4
VDD=5V
f=1kHz
Single Ended
THD+N≦1.0%
BW<80kHz
RL=16Ω
RL=32Ω
RL=8Ω
Noise Floor
20
1m
100
1k
10k 20k
VDD=5V
RL=8Ω
AVD=2, CB=1.0µF
A-Weighted Filter
VO1 + VO2
VO1
10µ
100µ
1µ
Frequency (Hz)
Channel Separation
20
0.0
100
1k
10k 20k
Frequency (Hz)
Channel B to A
Channel A to B
-80.00
-20.00
-120.0
-40.00
-60.00
-100.0
Channel Separation
20
0.0
100
1k
10k 20k
Frequency (Hz)
VDD=5V, RL=32Ω
POUT=75mW, Av=1
CB=1.0µF
Single Ended
Channel B to A
Channel A to B
-80.00
-20.00
-120.0
-40.00
-60.00
-100.0
VDD=5V, RL=8Ω
POUT=1W, AV=1
CB=1.0µF
Bridged Load
Power Supply Rejection Ratio
20
70
100
1k
10k
20k
Frequency (Hz)
Single
Ended
30
50
10
VDD=5V
Vripple=200mVrms
0dB=200mVrms
RL=8Ω
CB=1.0µF
Bridged
Load
60
40
20
Open Loop Frequency Response
100
50
1k
10k
100k
1M
30
10
40
20
0
10M
45
0
-45
-90
-135
-180
PHASE
GAIN
Frequency (Hz)
VDD=5V
Single Ended



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com