Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8020L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8020L-S08-R
Description  DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8020L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8020L-S08-R Datasheet HTML 1Page - Unisonic Technologies L8020L-S08-R Datasheet HTML 2Page - Unisonic Technologies L8020L-S08-R Datasheet HTML 3Page - Unisonic Technologies L8020L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L8020
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R123-015.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.6~+15
V
Input Voltage (VPOL1 and VPOL2)
VIN
25
V
Supply Current
ICC
50
mA
Power Dissipation (TA=25°C)
MSOP-8
PD
400
mW
SOP-8
500
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TA= 25°C, VCC=5V, ID=10mA (RCAL1 =33kΩ), unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
5
12
V
Supply Current
ICC
All inputs and outputs open circuit
10
mA
IVERT1 =IVERT2 =10mA, VPOL1 =VPOL2 =14V
30
mA
IHOR1 =IHOR2 =10mA, VPOL1 =VPOL2 =15.0V
30
mA
VPOL1 and VPOL2 Inputs
Current
IPOL
VPOL1 =VPOL2 =25V (Note 1)
10
20
40
μA
Threshold Voltage
VTPOL
(Note 1) (Note 2)
14.0
14.5
15.0
Switching Speed
TSPOL
100
μs
VERT 1/2 Outputs
Voltage High
VVH
IVERT1 =IVERT2 =10mA, VPOL1 =VPOL2 =14V
VCC-1.0 VCC-0.8
VCC
V
IVERT1 =IVERT2 =15mA, VPOL1 =VPOL2 =14V
VCC-1.2 VCC-0.9
VCC
V
IVERT1 =IVERT2 =10µA, VPOL1 =VPOL2 =14V
VCC-0.2 VCC-0.1
VCC
V
Voltage Low
VVL
IVERT1 =IVERT2 =-10mA, VPOL1 =VPOL2 =15.0V
0
0.25
0.5
V
HOR 1/2 Outputs
Voltage High
VVH
IHOR1 =IHOR2 =10mA, VPOL1 =VPOL2 =15.0V
VCC-1.0 VCC-0.8
VCC
V
IHOR1 =IHOR2 =15mA, VPOL1 =VPOL2 =15.0V
VCC-1.2 VCC-0.9
VCC
V
IHOR1 =IHOR2 =10µA, VPOL1 =VPOL2 =15.0V
VCC-0.2 VCC-0.1
VCC
V
Voltage Low
VVLOW
IHOR1 =IHOR2 =-10mA, VPOL1 =VPOL2 =14V
0
0.25
0.5
V
Notes: 1. VPOL1 and VPOL2 switching thresholds apply over the whole operating temperature range specified above.
2. Applied via 10k resistors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com