Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8561L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8561L-S08-R
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8561L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L8561L-S08-R Datasheet HTML 1Page - Unisonic Technologies L8561L-S08-R Datasheet HTML 2Page - Unisonic Technologies L8561L-S08-R Datasheet HTML 3Page - Unisonic Technologies L8561L-S08-R Datasheet HTML 4Page - Unisonic Technologies L8561L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8561L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L8561
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-444.D
ABSOLUTE MAXIMUM RATING (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Analog Inputs & Outputs
INV, COMP MULT
-0.3 ~ 7
V
Current Sense Input
CS
-0.3 ~ 7
V
Iq+Iz (IGD = 0)
IVCC
30
mA
Output Totem Pole Peak Current (2ms)
IGD
±700
mA
Zero Current Detector
ZCD
50 (source)
mA
-10 (sink)
Power Dissipation @ TA=50℃
SOP-8
PD
1
W
DIP-8
0.65
W
Junction Temperature
TJ
125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=-25℃ ~ 125℃,VCC=14.5V, unless otherwise specified)
PARAMETER
PIN
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SUPPLY VOLTAGE SECTION
Operating Range
8
VCC
after turn-on
11
18
V
Turn-on Threshold
8
VCC ON
14
15.3
16.5
V
Turn-off Threshold
8
VCC OFF
7.2
7.9
8.7
V
Hysteresis
8
Hys
6.5
8.3
V
SUPPLY CURRENT SECTION
Start-up Current
8
ISTART-U
VCCON-1V
30
50
μA
Quiescent Current
8
Iq
6
9
mA
Operating Supply Current
8
ICC
CL=1nF @ 70KHz
10
15
mA
In OVP condition Vpin1=2.7V
6.8
mA
Quiescent Current
8
Iq
VPIN5≤150mV, VCC>VCC off
6
mA
8
VPIN5≤150mV, VCC<VCC off
4
7
10
μA
Zener Voltage
8
VZ
ICC=20mA
18
21
24
V
ERROR AMPLIFIER SECTION
Voltage Feedback Input
Threshold
1
VINV
TA=25℃
2.465
2.5
2.535
V
10.3V<VCC<18V
2.44
2.56
V
Line Regulation
VCC=10.3 ~ 18V
3
5
mV
Input Bias Current
1
IINV
-100
-1000
uA
Voltage Gain
GV
Open loop
60
80
dB
Gain Bandwidth
GB
0.8
MHz
Source Current
2
ICOMP
VCOMP=4V, VINV=2.4V
-2
-4
-8
mA
Sink Current
VCOMP=4V, VINV=2.6V
2.5
4.5
mA
Upper Clamp Voltage
2
VCOMP
ISOURCE=0.5mA
4.5
5
5.5
V
Lower Clamp Voltage
ISINK=0.5mA
2.25
2.4
2.55
V
MULTIPLIER SECTION
Linear Operating Voltage
3
VMULT
0~ 2.5 0 ~ 3.5
V
Output Max. Slope
V
CS
V
MULT
VMULT=from 0V ~ 0.5V
VCOMP=Upper ClamVoltage
1.65
1.9
Gain
K
VMULT=1V, VCOMP=4V
0.5
0.7
0.9
1/V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com