Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA2284G-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LA2284G-SM2-R
Description  5-DOT DUAL LED LEVEL METER DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LA2284G-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LA2284G-SM2-R Datasheet HTML 1Page - Unisonic Technologies LA2284G-SM2-R Datasheet HTML 2Page - Unisonic Technologies LA2284G-SM2-R Datasheet HTML 3Page - Unisonic Technologies LA2284G-SM2-R Datasheet HTML 4Page - Unisonic Technologies LA2284G-SM2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA2284/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-002.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
Amplifier input Voltage
V8
-0.5 ~ VCC
V
Pin 7 Voltage
V7
6
V
D terminal Output Voltage
VD
18
V
Power Dissipation
PD
1100
W
Operating Temperature
TOPR
-20 ~ +80
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=6V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LA2284
3.5
6.0
16.0
V
Supply Voltage
LA2284A
VCC
3.0
6.0
16.0
V
Supply Current
ICC
VIN=0
5
8
mA
Sensitivity
VIN
In VC3 Level
46
56
66
mV
Comparator ON Level 1
VC1
-11.5
-10.0
-8.5
dB
Comparator ON Level 2
VC2
-6
-5
-4
dB
Comparator ON Level 3
VC3
0
dB
Comparator ON Level 4
VC4
2.5
3.0
3.5
dB
Comparator ON Level 5
VC5
5
6
7
dB
LED Output Current
IO(LED)
11.0
15.0
18.5
mA
Amp Gain
GV
VIN=0.1V
24
26
28
dB
Input Bias Current
II(BIAS)
-1.0
-0.3
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com