Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2117L-XX-AA3B-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LD2117L-XX-AA3B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2117L-XX-AA3B-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LD2117L-XX-AA3B-R Datasheet HTML 4Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 5Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 6Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 7Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 8Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 9Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 10Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 11Page - Unisonic Technologies LD2117L-XX-AA3B-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LD2117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R102-042.D
TYPICAL CHARACTERISTICS(Cont.)
Temperature (°C)
Load Regulation
0.1
0.3
0.6
0.8
0.7
0.2
-50
0
75
125
25
-25
50
100
ΔILOAD=1A
0.5
0.4
Temperature (°C)
Input Current vs. Temperature
0.15
0.25
0.4
0.5
0.5
0.2
-50
0
75
125
25
-25
50
100
0.35
0.3
Output Voltage vs. Temperautre
Temperature (°C)
-50 -25
0
25 50
75 100 125150
1.1
1.125
1.15
1.175
1.2
1.225
1.25
1.275
VOUT=1.2V
Output Voltage vs. Temperautre
Temperature (°C)
-50 -25
0
25 50
75 100 125150
4.8
4.85
4.9
4.95
5.0
5.05
5.1
5.15
VOUT=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com