Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM339L-S14-R
Description  QUAD DIFFERENTIAL COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM339L-S14-R Datasheet HTML 1Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 2Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 3Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 4Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 5Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 6Page - Unisonic Technologies LM339L-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM339
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R104-001.I
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±18 or 36
V
Differential input Voltage
VI(DIFF)
36
V
Input Voltage
VIN
-0.3~36
V
Power Dissipation
DIP-14
PD
760
mW
SOP-14
560
mW
TSSOP-14
440
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC=5.0V, TA=25°C, All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0~VCC-1.5, VOUT(P)=1.4V,
RS=0
±1.5
±3.0
mV
Input Offset Current
II(OFF)
±2.3
±50
nA
Input Bias Current
IBIAS
57
250
nA
Input Common-Mode Voltage Range
VIN(R)
0
VCC-1.5
V
Supply Current
ICC
RL=∞
1.1
2.0
mA
Large Signal Voltage Gain
GV
VCC=15V, RL>15kΩ
50
200
V/mV
Large Signal Response Time
tRES
VIN=TTL logic wing
VREF=1.4V, VRL=5V, RL=5.1kΩ
350
ns
Response Time
tRES
VRL=5V, RL=5.1kΩ
1400
ns
Output Sink Current
ISINK
VIN(-)>1V, VIN(+)=0V, VOUT(P)<1.5V
6
18
mA
Output Saturation Voltage
VSAT
VIN(-)>1V, VIN(+)=0V, ISINK=4mA
140
400
mV
Output Leakage Current
ILEAK
VIN(+)=1V, VIN(-)=0V
VOUT(P)= 5V
0.1
nA
VOUT(P)=30V
1.0
μA
Differential Input Voltage
VIN(DIFF)
36
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com