Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4811L-SM2-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LM4811L-SM2-R
Description  DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4811L-SM2-R Datasheet(HTML) 9 Page - Unisonic Technologies

  LM4811L-SM2-R Datasheet HTML 1Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 2Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 3Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 4Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 5Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 6Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 7Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 8Page - Unisonic Technologies LM4811L-SM2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LM4811
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-560.a
EXTERNAL COMPONENTS DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CI
This is the input coupling capacitor. It blocks the DC voltage at, and couples the input
signal to, the amplifier’s input terminals. C also creates a highpass filter with the internal
input resistor, RI, at fC =1/(2πRICI). The minimum value of RI is 33kΩ. Refer to the
section, Proper Selection of External Components, for an explanation of how to
determine the value of CI.
2
CS
This is the supply bypass capacitor. It provides power supply filtering. Refer to the
Application Information
section for proper placement and selection of the supply
bypass capacitor.
3
CB
This is the BYPASS pin capacitor. It provides half-supply filtering. Refer to the section,
Proper Selection of External Components
, for information concerning proper
placement and selection of CB.
4
CO
This is the output coupling capacitor. It blocks the DC voltage at the amplifier’s output
and it forms a high pass filter with RL at fO = 1/(2πRLCo )
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com