Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880L-SH2-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LM4880L-SH2-R
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880L-SH2-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LM4880L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 7Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 8Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 9Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 10Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 11Page - Unisonic Technologies LM4880L-SH2-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-033,C
TYPICAL CHARACTERISTICS(Cont.)
Frequency Response vs. Output Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Frequency Response vs. Output Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Frequency Response vs Input Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Typical Application Frequency Response
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
i
Typical Application Frequency Response
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
RI=20kΩ, RL=8Ω
GV=-1, CI=10µF
CO=220µF
CO=470µF
CO=1000µF
CO=2200µF
CO=47µF
CO=100µF
CO=220µF
CO=470µF
CI=0.1µF
CI=0.22µF
CI=0.47µF
CI=1.0µF
CI=0.1µF
CO=470µF
CI=1.0µF
CO=470µF
CO=220µF
CI=0.1µF
CO=220µF
CI=1.0µF
RI=20kΩ, RL=32Ω
GV=-1, CI=10µF
GV=-1
RI=20kΩ
RL=32Ω
GV=-1
RI=20kΩ
RL=8Ω
GV=-1
RI=20kΩ
COUT=10000µF
RL=8Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com