Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2950 Datasheet(HTML) 1 Page - Unisonic Technologies

  LP2950_09 Datasheet HTML 1Page - Unisonic Technologies LP2950_09 Datasheet HTML 2Page - Unisonic Technologies LP2950_09 Datasheet HTML 3Page - Unisonic Technologies LP2950_09 Datasheet HTML 4Page - Unisonic Technologies LP2950_09 Datasheet HTML 5Page - Unisonic Technologies LP2950_09 Datasheet HTML 6Page - Unisonic Technologies LP2950_09 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LP2950/2951
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R102-001.L
100 mA LOW-DROPOUT
VOLTAGE REGULATOR
DESCRIPTION
The UTC LP2950/2951 are monolithic integrated voltage
regulators with low dropout voltage, and low quiescent current. It
includes many features that suitable for different applications.
FEATURES
* Fixed output versions, 2.5V, 3V, 3.3V, 3.6V and 5V, are
available.
* High accuracy output voltage.
* Extremely low quiescent current and dropout voltage.
* Extremely tight load and line regulation.
* Current and thermal limiting.
* Very low temperature coefficient.
* Logic controlled shutdown and err flog available for 8 pin
package.
* Output voltage programmable for LP2951.
TO-92
SOP-8
DIP-8
1
1
TO-252
Lead-free:
LP2950L-XX/LP2951L
Halogen-free: LP2950G-XX/LP2951G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
LP2950-xx-D08-T
LP2950L-xx-D08-T
LP2950G-xx-D08-T
DIP-8
Tube
LP2950-xx-S08-T
LP2950L-xx-S08-T
LP2950G-xx-S08-T
SOP-8
Tube
LP2950-xx-S08-R
LP2950L-xx-S08-R
LP2950G-xx-S08-R
SOP-8
Tape Reel
LP2950-xx-T92-B
LP2950L-xx-T92-B
LP2950G-xx-T92-B
TO-92
Tape Box
LP2950-xx-T92-K
LP2950L-xx-T92-K
LP2950G-xx-T92-K
TO-92
Bulk
LP2950-xx-TN3-T
LP2950L-xx-TN3-T
LP2950G-xx-TN3-T
TO-252
Tube
LP2950-xx-TN3-R
LP2950L-xx-TN3-R
LP2950G-xx-TN3-R
TO-252
Tape Reel
LP2951-D08-T
LP2951L-D08-T
LP2951G-D08-T
DIP-8
Tube
LP2951-S08-T
LP2951L-S08-T
LP2951G-S08-T
SOP-8
Tube
LP2951-S08-R
LP2951L-S08-R
LP2951G-S08-R
SOP-8
Tape Reel
Note: Pin Assignment: I:VIN O:VOUT G:GND
OUTPUT VOLTAGE CODE(For LP2950)
OUTPUT VOLTAGE
CODE
2.5V
25
3.0V
30
3.3V
33
3.6V
36
5.0V
50


Similar Part No. - LP2950_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2950_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLP2950 UTC-UTCLP2950 Datasheet
159Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
100 mA Low-Dropout Voltage Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com