Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM358G-SM1-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM358G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM358G-SM1-R Datasheet HTML 1Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 2Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 5Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 6Page - Unisonic Technologies LM358G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R105-001,O
TYPICAL CHARACTERISTICS
05
10
15
5
0
10
15
Fig.1 Input Voltage Range
Positive
Input
Negative
Input
-50
-25
0
25
5075100
0
20
40
60
80
100
Vcc=+15V
Vcc=+5V
Vcc=+30V
Fig.2 Input Current vs Temperature
010
20
3040
0
1
2
3
4
VCC
Ic
Fig.3 Supply Current vs Supply Voltage
Supply Voltage (V)
0
7.5
15
22.5
30
0
40
80
120
160
Fig. 4 Voltage Gain vs Supply Voltage
Supply Voltage (V)
RL=20kΩ
RL=2kΩ
0
20
40
60
80
120
100
1001
10
2
10
3
10
4
10
5
10
6
10
7
10
Frequency (Hz)
VCC=30V
VCC=15V
2
10
3
10
4
10
5
10
6
10
0
20
40
60
80
100
120
Frequency (Hz)
100kΩ -7.5V
100Ω
100Ω
100kΩ
+7.5V
Vin
VCC=+7.5V
VEE=-7.5V
Fig. 6 Common Mode Rejection Ratio vs Frequency
Fig. 5 Open Loop Gain vs Frequency
Temperature(°C)
Power Supply Voltage
TA= 0~+85°C
TA= -20°C
0.1 μF
100MΩ
Vcc
Vin
Vcc/2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com