Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPY62-RK Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KPY62-RK
Description  Silicon Piezoresistive Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY62-RK Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KPY62-RK Datasheet HTML 1Page - Siemens Semiconductor Group KPY62-RK Datasheet HTML 2Page - Siemens Semiconductor Group KPY62-RK Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPY 62-RK
KPY 66-RK
Semiconductor Group
2
1998-05-11
1) Frontside coupling applies pressure onto chip face.
Rearside coupling applies pressure through Kovar centre tube.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
1)
Unit
Frontside Rearside
Pressure overload
KPY 65 RK
KPY 66 RK
P
MAX
20
50
10
10
bar
Operating temperature range
T
A
− 40 …+ 125
˚C
Storage temperature range
T
stg
− 40 …+ 125
˚C
Supply voltage
V
IN
12
V
Electrical Characteristics
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Bridge resistance
R
B
4
−
8k
Ω
Sensitivity
KPY 65 RK
KPY 66 RK
s
3.6
1.1
5.2
2.1
8.0
3.0
mV/
Vbar
Output voltage
KPY 65 RK
KPY 66 RK
V
fin
180
150
260
260
400
370
mV
Offset voltage
P = P
0
V
0
− 25
−+ 25
mV
Linearity error (Best fit straight line)
P
0 = P0 … PN
F
L
%
V
fin
KPY 65
… 66 RK
−± 0.3 ± 0.5
Pressure hysteresis
P
1 = P0, P2 = PN, P3 = P0
KPY 65
… 66 RK
P
H
−± 0.1 −
%
V
fin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com