Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2120 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2120
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2120 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2120 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2120 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Nov. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120
Data Sheet
Electrical Characteristics (Continued)
AP2120-3.2 Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=4.2V
1mA
≤IOUT≤30mA
3.136
3.2
3.264
V
Input Voltage
VIN
6V
Output Current
IOUT
VIN-VOUT=1V
150
mA
Load Regulation
VRLOAD
VIN=4.2V
1mA
≤ IOUT≤ 80mA
12
40
mV
Line Regulation
VRLINE
3.7V
≤VIN≤6V
IOUT=30mA
416
mV
Dropout Voltage
VDROP
IOUT=10mA
20
40
mV
IOUT=100mA
200
300
IOUT=150mA
300
500
Quiescent Current
IQ
VIN=4.2V, IOUT=0mA
25
50
µA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=1kHz
VIN=4.2V
65
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
IOUT=30mA
±320
µV/oC
(
∆VOUT/VOUT)/∆T
±100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz
≤f≤100kHz
30
µVrms
(VIN=4.2V, TJ=25oC, CIN=1µF, COUT=1µF, Bold typeface applies over -40oC≤TJ≤85oC, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com