Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6XXYYG-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR6XXYYG-SH2-R
Description  DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6XXYYG-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR6XXYYG-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR6XXYYG-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR6XXYYG-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR6XXYYG-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR6XXYY
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-718.a
DUAL OUTPUT LOW ESR CAP.
LOW-DROPOUT 600MA
LINEAR REGULATOR
DESCRIPTION
The UTC LR6XXYY is a low noise and high accuracy LDO
voltage regulator which has the soft start function. Designers can
reduce power consumption more easily by applying EN function
that can turn off the output of each device and control the in rush
current through the soft start function.
The UTC LR6XXYY comes with low design cost and outstanding
output stability and its compatibility of working with low ESR
ceramic capacitors is undoubted. Besides, the level of stability is
ensured by the perfect transient response and PSRR derived from
a large frequency range.
FEATURES
* VD=470mV @600mA (Typ.), VOUT ≥3.3V
* Range of Output Current:600mA / Channel
* Low Power Consumption:50μA (VOUT1 and VOUT2 Enable Mode).
* Standby Current:0.1μA (Typ.)
* Accurate:±2%
* High PSRR: 65 dB at 1kHz.
* Each Channel Output Current Limit Protection:950mA
* With Short Circuit Protection
* Output ON/OFF Control Function
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
LR6XXYYL-SH2-R
LR6XXYYG-SH2-R
HSOP-8
Tape Reel
LR6XXYYL-SH2-T
LR6XXYYG-SH2-T
HSOP-8
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR6XXYYG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
219Kb / 5P
DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
LR6XXYY UTC-LR6XXYY_14 Datasheet
219Kb / 5P
DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
More results

Similar Description - LR6XXYYG-SH2-R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1750 AIC-AIC1750 Datasheet
386Kb / 15P
Dual Output Low ESR Cap. Low-Dropout
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
AIC1953 AIC-AIC1953 Datasheet
315Kb / 11P
Dual Output Low ESR Cap. Low-Dropout 600mA Linear Regulator
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY_14 Datasheet
219Kb / 5P
DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
600mA Low Dropout Linear Regulator
FP6132 FITIPOWER-FP6132 Datasheet
490Kb / 9P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com