Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1107L-XX-AB3-D-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1107L-XX-AB3-D-R
Description  600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1107L-XX-AB3-D-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1107L-XX-AB3-D-R Datasheet HTML 1Page - Unisonic Technologies LR1107L-XX-AB3-D-R Datasheet HTML 2Page - Unisonic Technologies LR1107L-XX-AB3-D-R Datasheet HTML 3Page - Unisonic Technologies LR1107L-XX-AB3-D-R Datasheet HTML 4Page - Unisonic Technologies LR1107L-XX-AB3-D-R Datasheet HTML 5Page - Unisonic Technologies LR1107L-XX-AB3-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1107/E
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-033.H
600mA FAST ULTRA LOW
DROPOUT LINEAR REGULATOR
DESCRIPTION
The UTC LR1107/E operate from a +2.5V ~ +7.0V input supply as
fast ultra low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make UTC
LR1107/E
suitable for low voltage microprocessor application. The low
quiescent current operation and low dropout quality caused by the
CMOS process.
The UTC LR1107/E has ultra low dropout voltage; 300mV at
600mA load current typically.
The ground pin current is typically 200uA at 1mA load current.
SET/ADJ Mode (for LR1107): Connect an external resistive
voltage-divider from VOUT to this pin to set the output voltage from
1.145V to 5V.
ERROR Flag (for LR1107E): When the output voltage drops 10% below nominal value Error flag goes low.
Output Voltage Precision: Multiple output voltage options are available and ranging from 1.2V ~ 5.0V at room
temperature with a guaranteed accuracy of ±1.5%, and ±3.0% when varying line, load and temperature.
FEATURES
* Ultra Low Dropout Voltage
* Low Ground Pin Current
* 0.68% Load Regulation
* The Guaranteed Output Current is 600mA DC
* Output Voltage Accuracy ± 1.5%
*ERROR Flag Indicates Output Status
* VOUT can be Adjusted From 1.145V to 5V.
* Low Output Capacitor Required
* Overtemperature Protection and Overcurrent Protection
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
LR1107L-xx-AA3-A-R
LR1107G -xx-AA3-A-R
SOT-223
G
O
I
-
-
Tape Reel
LR1107L-xx-AE3-3-R
LR1107G -xx-AE3-3-R
SOT-23
O
G
I
-
-
Tape Reel
LR1107L-xx-AB3-C-R
LR1107G -xx-AB3-C-R
SOT-89
G
I
O
-
-
Tape Reel
LR1107L-xx-AB3-D-R
LR1107G -xx-AB3-D-R
SOT-89
I
G
O
-
-
Tape Reel
LR1107L-xx-AF5-R
LR1107G-xx-AF5-R
SOT-25
I
G SD S
O
Tape Reel
LR1107EL-xx-AF5-R
LR1107EG-xx-AF5-R
SOT-25
I
G SD E
O
Tape Reel
Note: Pin Assignment:
I:VIN O:VOUT G:GND SD: SD
E: ERROR S:SET/ADJ


Similar Part No. - LR1107L-XX-AB3-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101 Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
292Kb / 7P
QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101G-XX-AB3-C-R UTC-LR1101G-XX-AB3-C-R Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - LR1107L-XX-AB3-D-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com