Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106G-XX-AE3-3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1106G-XX-AE3-3-R
Description  LARGE CURRENT POSITIVE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106G-XX-AE3-3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1106G-XX-AE3-3-R Datasheet HTML 1Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 2Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 3Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 4Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 5Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 6Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 7Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 8Page - Unisonic Technologies LR1106G-XX-AE3-3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 17
www.unisonic.com.tw
QW-R502-055,Q
MARKING INFORMATION
PACKAGE
VOLTAGE
CODE
PIN
CODE
1 2 3456
MARKING
SOT-23
18:1.8V
22:2.2V
25:2.5V
27:2.7V
28:2.8V
2J:2.85V
30:3.0V
31:3.1V
33:3.3V
50:5.0V
3
O G I
- - -
SOT-25
-
I G E N O -
3
2
1
SMXX
5
4
Voltage Code
L: Lead Free
G: Halogen Free
SOT-89
B
O G I
-- -
123
□□XX□
LR1106
Date Code
Pin Code
Voltage Code
L: Lead Free
G: Halogen Free
C
G I O ---
VSON-6
-
I N O NG C
SM
XX□
L: Lead Free
G: Halogen Free
Voltage Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com