Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N60L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10N60L-TQ2-R
Description  10A, 600V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N60L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  10N60L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N60L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-119.J
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=300V, ID =10A,
RG =25Ω (Note 1, 2)
23
55
ns
Turn-On Rise Time
tR
69
150
ns
Turn-Off Delay Time
tD(OFF)
144 300
ns
Turn-Off Fall Time
tF
77
165
ns
Total Gate Charge
QG
VDS=480V, ID=10A,
VGS=10 V (Note 1, 2)
44
57
nC
Gate-Source Charge
QGS
6.7
nC
Gate-Drain Charge
QGD
18.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS =10A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
10
A
Maximum
Pulsed
Drain-Source
Diode
Forward Current
ISM
38
A
Reverse Recovery Time
trr
VGS = 0 V, IS = 10A,
dIF / dt = 100 A/µs (Note 1)
420
ns
Reverse Recovery Charge
QRR
4.2
µC
Notes: 1. Pulse Test : Pulse width ≤300µs, Duty cycle ≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com