Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1107EG-XX-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1107EG-XX-AF5-R
Description  600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1107EG-XX-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR1107EG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1107EG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1107EG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1107EG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1107EG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1107EG-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LR1107/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R102-033.H
TYPICAL APPLICATION CIRCUIT
UTC LR1107E
VIN
GND
VOUT
INPUT
3.3V±10%
CIN
1µF
COUT
22µF
ERROR
VOUT
2.5V, 500mA
ERROR
(NOTE)
(NOTE)
SD
SD
Note: SD and ERROR pins must be pulled high through a 10kΩ pull-up resistor. Connect the ERROR pin to
ground if this function is not used.
UTC LR1107
VIN
GND
VOUT
INPUT
3.3V±10%
CIN
1µF
COUT
22µF
SET/ADJ
VOUT
2.5V, 500mA
(NOTE)
SD
SD
Note: SD pins must be pulled high through a 10kΩ pull-up resistor.
Connect the SET/ADJ pin to ground if this function is not used.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com