Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1108G-XX-AF5-A-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1108G-XX-AF5-A-R
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1108G-XX-AF5-A-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1108G-XX-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1108G-XX-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1108G-XX-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1108G-XX-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies LR1108G-XX-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies LR1108G-XX-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1108
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-031.I
1A FAST ULTRA LOW
DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR1108 operate from a +2.5V ~ +7.0V input supply as
fast ultra low-dropout linear regulators. Wide output voltage range
options are available. The fast response characteristic to make UTC
LR1108
suitable for low voltage microprocessor application. The low
quiescent current operation and low dropout quality caused by the
CMOS process.
The
UTC
LR1108
has
ultra
low
dropout
voltage;
300mV at 1A load current typically.
The ground pin current is typically 200uA at 1mA load current.
ERROR Flag: When the output voltage drops 10% below nominal
value Error flag goes low.
Output Voltage Precision: Multiple output voltage options are
available and ranging from 1.2V ~ 5.0V at room temperature with a
guaranteed accuracy of ±1.5%, and ±3.0% when varying line, load
and temperature.
FEATURES
* Ultra Low Dropout Voltage
* Low Ground Pin Current
* 0.04% Load Regulation
* The Guaranteed Output Current is 1A DC
* Output Voltage Accuracy ± 1.5%
* ERROR Flag Indicates Output Status
* Low Output Capacitor Required
* Over temperature Protection And Over current Protection
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
LR1108L-xx-AA3- -R
LR1108G-xx-AA3- -R
SOT-223
A: GOI
C: GIO
D: IGO
Tape Reel
LR1108L-xx-AB3- -R
LR1108G-xx-AB3- -R
SOT-89
LR1108L-xx-TN3- -R
LR1108G-xx-TN3- -R
TO-252
LR1108L-xx-AF5-R
LR1108G-xx-AF5-R
SOT-25
I
G
SD ERROR
O


Similar Part No. - LR1108G-XX-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1108 UTC-LR1108 Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AB3-A-R UTC-LR1108-12-AB3-A-R Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AB3-C-R UTC-LR1108-12-AB3-C-R Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AF5-R UTC-LR1108-12-AF5-R Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-18-AB3-A-R UTC-LR1108-18-AB3-A-R Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1108G-XX-AF5-A-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1108 UTC-LR1108 Datasheet
141Kb / 6P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR1801 UTC-LR1801 Datasheet
206Kb / 5P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126 Datasheet
210Kb / 7P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126_15 Datasheet
267Kb / 7P
1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com