Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1121BL-XX-AF5-B-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1121BL-XX-AF5-B-R
Description  HIGH RIPPLE-REJECTION LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1121BL-XX-AF5-B-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1121BL-XX-AF5-B-R Datasheet HTML 1Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 2Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 3Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 4Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 5Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 6Page - Unisonic Technologies LR1121BL-XX-AF5-B-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LR1121B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-101.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
VON/OFF
0.3 ~ VIN+0.3
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Power Dissipation
PD
280
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
1
VIN=VOUT+1.0V, IOUT=30mA
VOUT
×0.98
VOUT
×1.02
V
Output Current
IOUT
3
VIN V
≧ OUT+1.0V
200
mA
Input Voltage
VIN
2.0
7
V
Line Regulation
V
△ OUT(LINE)
V
△ IN×VOUT
1
VOUT+0.5V≤VIN≤7V
IOUT=30mA
0.04
0.2
%/V
Load Regulation
V
△ OUT(LOAD)
1
VIN=VOUT+1.0V
1.0mA≤IOUT≤80mA
15
40
mV
Output Voltage
Temperature Coefficient
V
△ OUT
Ta×
△
VOUT
1
VIN=VOUT+1.0V, IOUT=30mA
-40°C ≤Ta≤85°C
±100
ppm/°C
Supply Current
ISS1
2
VIN=VOUT+1.0V, ON/OFF
pin=ON, no load
30
65
μA
Supply Current During
standby
ISS2
2
VIN=VOUT+1.0V, ON/OFF
pin=OFF, no load
0.1
1.0
Short Circuit Current
ISHORT
3
VIN=VOUT+1.0V, ON/OFF
pin=ON, VOUT=0V
230
mA
Shutdown Pin Input
Voltage
High
VSH
4
VIN=VOUT+1.0V, RL=10KΩ
1.6
VIN
V
Low
VSL
4
VIN=VOUT+1.0V, RL=10KΩ
0
0.3
Shutdown Pin Input
Current
High
ISH
4
VIN=7V, VON/OFF= VIN
-0.1
0.1
μA
Low
ISL
4
VIN=7V, VON/OFF= VSS
-0.1
0.1
Ripple Rejection
RR
5
VIN=VOUT+1.0V, f=1.0kHz
Ripple 0.5Vp-p
70
dB
ELECTRICAL CHARACTERISTICS OF DROPOUT VOLTAGE (TA=25°C)
Output Voltage VOUT(V)
VD (Dropout Voltage)
Condition
MIN
TYP
MAX
UNIT
2.1V≤VOUT(S)≤2.4V
IOUT=100mA
0.22
0.70
V
2.5V≤VOUT(S)≤2.7V
0.20
0.35
V
2.8V≤VOUT(S)≤3.3V
0.18
0.30
V
3.4V≤VOUT(S)≤5.5V
0.15
0.26
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com