Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1125G-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1125G-SM1-R
Description  500mA, LOW-VOLTAGE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1125G-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1125G-SM1-R Datasheet HTML 1Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 2Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 3Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 4Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 5Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 6Page - Unisonic Technologies LR1125G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR1125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-416.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-OK
POK Output Low Voltage
VOL
Sinking 2mA
5
50
mV
Operating Voltage Range for Valid POK
Output
Sinking 100µA
1.0
5.5
V
Output High Leakage Current
VPOK=5.5V
100
nA
Threshold
Rising edge, referred to VOUT
90
93
96
%
THERMAL PROTECTION
Thermal-Shutdown Temperature
TSHDN
170
°C
Thermal-Shutdown Hysteresis
∆TSHDN
20
°C
Ta=-40°C~85°C(Note 2)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.25
5.50
V
Input Under Voltage Lockout
VUVLO
Rising, 40mV hysteresis
1.85
2.15
V
Output Voltage Accuracy (Preset Mode)
VOUT
IOUT=1mA~500mA
-4
+4
%
Adjustable Output Voltage
VOUT(ADJ)
0.8
4.5
V
SET Voltage Threshold (Adjustable Mode)
VSET
IOUT=1mA~500mA
766
834
mV
Maximum Output Current
IOUT
500
mA
Short-Circuit Current Limit
ILIM
VOUT=0V
600
2500
mA
SET Dual Mode Threshold
35
125
mV
SET Input Bias Current
ISET
VSET=0.8V
-100
+100
nA
Ground-Pin Current
IQ
IOUT=1mA
400
µA
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN=GND, VIN=5.5V
5
µA
VIH
2.5V < VIN < 5.5V
1.6
SHDN Input Threshold
VIL
2.5V < VIN < 5.5V
0.6
V
SHDN Input Bias Current
I SHDN
SHDN=GND or IN
10
100
nA
POWER-OK
POK Output Low Voltage
VOL
Sinking 2mA
50
mV
Operating Voltage Range for Valid
POK Output
Sinking 100µA
1.0
5.5
V
Output High Leakage Current
VPOK=5.5V
100
nA
Threshold
Rising edge, referred to VOUT
89
97
%
Note 1. Dropout voltage is :VIN - VOUT. For 2.25V ≤ VOUT ≤ 4V, dropout voltage limits are linearly interpolated from the
values listed. For VOUT < 4V, dropout voltage limit is equal to the value for VOUT = 4V.
2. Specifications to -40°C are guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com