Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5966G-XX-TN5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR5966G-XX-TN5-R
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR5966G-XX-TN5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR5966G-XX-TN5-R Datasheet HTML 1Page - Unisonic Technologies LR5966G-XX-TN5-R Datasheet HTML 2Page - Unisonic Technologies LR5966G-XX-TN5-R Datasheet HTML 3Page - Unisonic Technologies LR5966G-XX-TN5-R Datasheet HTML 4Page - Unisonic Technologies LR5966G-XX-TN5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR5966
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R102-046.a
5A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR5966 belonged to low quiescent current(60μA typ.),
low dropout, linear regulators operating from 2.25V to 6V input and
are guaranteed to deliver 5A. Wide range of preset output voltage
options are available. Built-in low on-resistance transistor provides
low dropout voltage and large output current. The UTC LR5966 are
designed and optimized for battery-powered systems to work with
low noise.
The UTC LR5966 consume less than 0.01μA in shutdown
mode. Other features include ultra low dropout voltage, current
limiting protection, thermal shutdown protection and high ripple
rejection ratio.
FEATURES
* 5A Guaranteed Output Current
* 0.01μA Shutdown Current
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1234
5
Packing
LR5966L-xx-TN5-R
LR5966G-xx-TN5-R
TO-252-5
S
I
G
O
A
Tape Reel
LR5966L-xx-TN5-T
LR5966G-xx-TN5-T
TO-252-5
S
I
G
O
A
Tube
Note: Pin Assignment: I:VIN O:VOUT G:GND S: SHDN
A: SET


Similar Part No. - LR5966G-XX-TN5-R

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR590Z SEOUL-LR590Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR591 SEOUL-LR591 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR591 SEOUL-LR591 Datasheet
360Kb / 13P
CYAN LAMP LED
LR591 SEOUL-LR591 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR591 SEOUL-LR591 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR5966G-XX-TN5-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com