Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3966 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR3966
Description  3.0A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3966 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR3966 Datasheet HTML 1Page - Unisonic Technologies LR3966 Datasheet HTML 2Page - Unisonic Technologies LR3966 Datasheet HTML 3Page - Unisonic Technologies LR3966 Datasheet HTML 4Page - Unisonic Technologies LR3966 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR3966
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R101-032.d
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-252-5
18 :1.8V
33 :3.3V
AD: ADJ
PIN CONFIGURATION
1
2
3
4
5
SENCE/ADJ
VOUT
GND
VIN
EN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Active-Low Shutdown Input. Connect EN to VIN for normal operation.
2
VIN
Power Input Voltage. Supply voltage can range from 2.5V to 6V. Bypass with a 68µF
capacitor to GND.
3
GND
Ground
4
VOUT
Output Voltage
5
ADJ
Voltage-adjust Input. Connect ADJ to GND for preset output. Connect an external
resistive voltage-divider from VOUT to ADJ to set the output voltage between 1.145V
and 5V.
SENSE
Remote sense pin.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com