Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6401XL-VB06-2018-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR6401XL-VB06-2018-R
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6401XL-VB06-2018-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR6401XL-VB06-2018-R Datasheet HTML 1Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 2Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 3Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 4Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 5Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 6Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 7Page - Unisonic Technologies LR6401XL-VB06-2018-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LR6401
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-332.I
TYPICAL CHARACTERISTICS
800
700
600
500
400
300
200
100
0
0100
50
150 200 250 300 350 400 450
Output Current,IOUT (mA)
Dropout Voltage vs. Output Current
VOUT=3.3V
TA=25°C
IOUT=0~400mA
CIN=COUT=1μF
3.5
4.0
4.5
5.0
5.5
6.0
1.79
1.80
1.795
1.805
1.81
1.815
1.82
1.825
1.83
Input Voltage,VIN (V)
Output Voltage vs. Input Voltage
IOUT=100mA
IOUT=30mA
IOUT=0mA
VOUT=1.8V
TA=25°C
CIN=COUT=1μF
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage,VIN (V)
3.29
3.295
3.30
3.31
3.305
3.315
3.32
3.325
3.33
IOUT=0mA
IOUT=30mA
IOUT=100mA
VOUT=3.3V
TA=25°C
CIN=COUT=1μF
Output Voltage vs. Input Voltage
VIN=4.3V
TA=25°C
CIN=COUT=1μF
IOUT1=0mA
IOUT2=10mA~100mA
0
10
-10
0
50
00.5
1.0
0
-50
50
Cross Talk
10mA
100mA
0
20
-20
0.5
1.0
0
Time (ms)
IOUT=1mA
TA=25°C
CIN=COUT=1μF
2.8
3.8
Input Transient Reponse (VOUT=1.8V)
Input Transient Reponse (VOUT=1.8V)
0
50
-50
00.5
1.0
Time (ms)
2.8
3.8
IOUT=30mA
TA=25°C
CIN=COUT=1μF
Time (ms)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com