Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3718-S28-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LS3718-S28-R
Description  20-BIT SERIAL TO PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LS3718-S28-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LS3718-S28-R Datasheet HTML 1Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 2Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 3Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 4Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 5Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 6Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 7Page - Unisonic Technologies LS3718-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LS3718
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R121-015.A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5~+7.0
V
Input Voltage
VIN
VSS-0.5~VDD+0.5
V
Output Voltage
VOUT
VSS-0.5~VDD+0.5
V
Output Current
IOUT
±25
mA
Power Dissipation
PD
500
mW
Junction Temperature
TJ
+125
Operating Temperature
TOPR
-25 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
DD=4.5~5.5V, VSS=0V, Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
4.5
5.5
V
Operating Current
IS
VIH=VDD, VIL=VSS
0.1
mA
Input Leakage Current
II(LEAK)
VIN=0~VDD
-10
10
µA
High-Level
VIH
0.7VDD
VDD
Input Voltage
Low-Level
VIL
VSS
0.3 VDD
V
High-Level
VOH
IOH=-0.4mA
4.0
4.97
VDD
Output Voltage
Low-Level
VOL
IOL=+3.2mA
SO Terminal
VSS
0.11
0.4
V
IOH=-25mA
VDD-1.5 VDD-0.5
VDD
IOH=-15mA
VDD-1.0 VDD-0.3
VDD
High-Level
VOHP
IOH=-10mA
VDD-0.5 VDD-0.2
VDD
V
IOL=+25mA
VSS
0.5
1.5
IOL=+15mA
VSS
0.3
0.8
Output Voltage
Low-Level
VOLP
IOL=+10mA
P1~P20
Terminals (Note)
VSS
0.2
0.4
V
Note: Specified value represent output current per pin. When use, total current consideration and less than power
dissipation rating operation should be required.
SWITCHING CHARACTERISTICS (V
DD=4.5~5.5V, VSS=0V, Ta=-20~75℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data Set-up Time
tSD
DATA-CLK
20
ns
Data Hold Time
tHD
CLK-DATA
20
ns
Set-up Time
tSSTB
STB-CLK
30
ns
Hold Time
tHSTB
CLK-STB
30
ns
tPD O
CLK-SO
70
ns
tPD PCK
CLK-P1~P20
100
ns
tPD PSTB STB-P1~P2
80
ns
Output Delay Time
tPD PCLR CLR-P1~P20
80
ns
Max. Operating Frequency
fMAX
5
MHz
Note: COUT=50pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com