Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV321G-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LV321G-AF5-R
Description  SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321G-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LV321G-AF5-R Datasheet HTML 2Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 3Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 4Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 5Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 6Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 7Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 8Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 9Page - Unisonic Technologies LV321G-AF5-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LV321
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R105-036.B
TYPICAL CHARACTERISTICS (Cont.)
-3
2
1.4
1.6
-1.5
-0.5
0.5
1.5
2.6
ΔVOS vs CMR
Input Common Mode Voltage Range,
VCM (V)
0.8
3
2.2
2.0
2.8
0.6
2.4
1.8
0
1
-1
-1
0
1
3
-2
5
0
2.5
4.5
3.5
1.5
3
2
0.5
VSS = ±2.5V
TA=25°C
ΔVOS vs CMR
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=+∞, single
supply, TA=25°С, CL=0
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=+∞, single
supply, TA=25°С, CL=100pF
Gain and Phase vs. Capacitive Load
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=+∞, single
supply, TA=25°С, CL=500pF
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=+∞, single supply,
TA=25°С, CL=1000pF
Gain and Phase vs. Capacitive Load
Input Common Mode Voltage Range,
VCM (V)
1.2
1.0
VSS = ±1.35V
TA=25°C
1
4
Frequency(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com