Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV2622L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LV2622L-S08-R
Description  250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV2622L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LV2622L-S08-R Datasheet HTML 1Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 2Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 3Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 4Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 5Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 6Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 7Page - Unisonic Technologies LV2622L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV2622
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R102-045.a
APPLICATION NOTES(Cont.)
Power-Supply Bypassing and Layout
The UTC LV2622 can apply for a single +2.5V~+5.5V supply or dual ±1.25V~±2.75V supplies. For single-supply
operation, a 0.1µF ceramic capacitor should be placed close to the VDD pin to bypass the power supply VDD. For
dual-supply operation, separate 0.1µF ceramic capacitors should be placed to the VDD and the VSS supplies to
bypass them to ground, and 2.2µF tantalum capacitor for better performance.
By decreasing the amount of stray capacitance at the op amp’s inputs and output, PC board l performance can be
optimized. For example, placing external components as close to the device as possible can minimize trace lengths
and widths. and using surface-mount components is a better way.
For the operational amplifier, soldering the part to the board directly is strongly recommended. The EMI can be
minimized because keeping the high frequency big current loop area small.
Grounding
A ground plane layer is important for UTC LV2622 circuit design. The length of the current path speed currents in
an inductive ground return will create an unwanted voltage noise. Broad ground plane areas will reduce the parasitic
inductance.
Input-to-Output Coupling
The input and output signal traces should not be parallel to minimize capacitive coupling. This helps reducing
unwanted positive feedback.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com