Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD15G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LXXLD15G-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD15G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LXXLD15G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD15G-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LXXLD15
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-638.a
0.8V REFERENCE ULTRA
LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LXXLD15 is a typical LDO with the feature of very
low dropout voltage as low as 0.2V at output current 1.5A.
For normal operation, two supply voltages are necessary.
One called control voltage from other equipment can shutdown
the output voltage and it should pull and hold the voltage of EN
pin less than 0.3V. Another one is the main supply voltage
whose purpose is for main power conversion to keep the power
dissipation low and to make the dropout voltage lower.
Internally, in the UTC LXXLD15, there’re many functions
which can be seen in the block figure to prevent the IC from
being damaged. Internal Power-On-Reset (POR) circuit can
control the two supply voltages to prevent fault operations of the
circuit. And the thermal shutdown circuit is able to protect the
device from over thermal operation and a current limit function
will keep the device work safely under current over-load.
The UTC LXXLD15 can be used as an ideal to provide well
supply voltage in the applications, such as front-side-bus
termination on motherboard, NB applications, front side bus VTT
(1.2V/1.5A) and note book PC applications.
HSOP-8
FEATURES
* Low Dropout VD=0.2V (typ.) @ IOUT=1.5A
* Low ESR Output Capacitor
* VREF=0.8V
* ±1.5% over Line, Load and Temperature Output Accuracy
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR (Power-On-Reset) controlling VCNTL and VIN
FEATURES
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* For Standby or Suspend Mode: Shutdown
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LXXLD15L-SH2-R
LXXLD15G-SH2-R
HSOP-8
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.


Similar Part No. - LXXLD15G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD15 UTC-LXXLD15 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LXXLD15G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com