Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD50L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LXXLD50L-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD50L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LXXLD50L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 8Page - Unisonic Technologies LXXLD50L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LXXLD50
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-474.B
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
PROTECTION
VCNTL=5V, TJ= 25°C
7
8
9
A
VCNTL=5V, TJ= -25 ~ 125°C
6
A
VCNTL=3.3V, TJ= 25°C
6.3
6.7
8.8
A
Current Limit
ILIMIT
VCNTL=3.3V, TJ= -25 ~ 125°C
6
A
Thermal Shutdown Temperature
TSD
TJ Rising
150
°C
Thermal Shutdown Hysteresis
25
°C
Under-Voltage Threshold
ADJ Falling
0.4
V
Over-Voltage Threshold
VOVP/Vnormal Output Voltage up regulation voltage
125
%
ENABLE AND SOFT-START
EN Logic High Threshold Voltage
VEN Rising
0.3
0.4
0.5
V
EN Hysteresis
30
mV
EN Pin Pull-Up Current
EN=GND
10
μA
Soft-Start Interval
TSS
1.2
ms
POWER OK AND DELAY
POK Threshold Voltage for Power OK
VPOK
VADJ Rising
90%
92%
94%
VREF
POK Threshold Voltage for Power Not OK
VPNOK
VADJ Falling
79%
81%
83%
VREF
POK Low Voltage
POK sinks 5mA
0.2
0.4
V
POK Delay Time
TDELAY
1
1.5
10
mS
ADJ
Adjust Pin threshold
0.1
0.2
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com