Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXXLD70L-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LXXLD70L-SH2-R
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD70L-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LXXLD70L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 7Page - Unisonic Technologies LXXLD70L-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LXXLD70
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-674.a
ELECTRICAL CHARACTERISTICS
(Refer to the typical application circuit. These specifications apply over, VCNTL=5V, VIN=1.25V, VOUT=1.05V and
TA=-40 ~ 85°C, unless otherwise specified. Typical values are at TA=25°C).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SUPPLY CURRENT
VCNTL Supply Current
IVCNTL
EN=VCNTL, VFB is well regulated
0.4
1.0
2.0
mA
VCNTL Shutdown Current
ISD
EN=GND
280
380
µA
POWER-ON-RESET (POR)
Rising VCNTL POR Threshold
VCNTL Rising
2.7
2.9
3.1
V
VCNTL POR Hysteresis
0.4
V
Rising VIN POR Threshold
VIN Rising
0.8
0.9
1.0
VIN POR Hysteresis
0.5
V
OUTPUT VOLTAGE
Reference Voltage
VREF
FB=VOUT
0.8
V
Output Voltage Accuracy
IOUT=0~7A, TJ=-40 ~ 125°С
-1.5
+1.5
%
Line Regulation
VCNTL=4.5 ~ 6V
-1.5
+1.5 mV/V
Load Regulation
IOUT=0 ~ 7A
0.06 0.15
%
DROPOUT VOLTAGES
VIN-to-VOUT Dropout Voltage
VDROP
IOUT=7A, VCNTL=5V, TJ=25°С
0.11 0.14
V
IOUT=7A, VCNTL=5V, TJ=-40~125°С
0.2
V
PROTECTIONS
Current-Limit Level
ILIM
VCNTL=5V, TJ=25°С
8
10
12
A
VCNTL=5V, TJ=-40~125°С
7.2
A
Thermal Shutdown Temperature
TSD
TJ Rising
150
°С
Thermal Shutdown Hysteresis
50
°С
Under-Voltage Threshold
VFB Falling
0.4
V
ENABLE AND SOFT-START
EN Logic High Threshold Voltage
VEN Rising
0.3
0.4
0.5
V
EN Hysteresis
30
mV
EN Pull-High Current
EN=GND
10
μA
Soft-Start Interval
TSS
2
ms
POWER-OK AND DELAY
POK Threshold Voltage for Power OK
VPOK
VFB Rising
90% 92% 94% VREF
POK Threshold Voltage for Power Not OK
VPNOK
VFB Falling
79% 81% 83% VREF
POK Pull-Low Voltage
POK Sinks 5mA
0.25
0.4
V
POK Delay Time
TDELAY
1
3
10
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com