Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28S-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M28S-X-AE3-R
Description  AUDIO OUTPUT DRIVER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M28S-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  M28S-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies M28S-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M28S
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-015,Ca
ABSOLUTE MAXIMUM RATING (T
a=25°C,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
1.25
A
Base Current
IB
0.4
mA
Power Dissipation
(Ta=25℃)
PD
850
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
a=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Voltage
VCBO
IC=0.1mA
40
V
Collector-Emitter Voltage
VCEO
IC=1mA
20
V
Emitter-Base Voltage
VEBO
IE=0.1mA
6
V
Collector Cutoff Current
ICBO
VCB=35V, IE=0
100
nA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
100
nA
ON CHARACTERISTICS
hFE1
VCE=1V, IC=1mA
290
hFE2
VCE=1V, IC=0.1A
300
1000
hFE3
VCE=1V, IC=0.3A
300
DC Current Gain (Note)
hFE4
VCE=1V, IC=0.5A
300
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=600mA, IB=20mA
0.55
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
VCE=10V, IC=50mA, f=1MHz
100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
9
pF
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
300-550
500-700
650-1000
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com